Part Number Hot Search : 
IMB9A 600000 2SA1103 5KE27C AMS255BM U4083 1S133M D7412
Product Description
Full Text Search
 

To Download MP6KE30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland. Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298 Website: http://www.microsemi.com 6 Lake Street, Lawrence, MA 01841 Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
600W Transient Voltage Suppressor
- High Reliability controlled devices - Economical series for thru hole mounting - Unidirectional (A) and Bidirectional (CA) construction - Selections for 5.8 to 171 V standoff voltages (VWM)
LEVELS M, MA, MX, MXL
DEVICES
MP6KE6.8A thru MP6KE200CA, e3
FEATURES


High reliability controlled devices with wafer fabrication and assembly lot traceability 100 % surge tested devices Optional upscreening available by replacing the M prefix with MA, MX or MXL. These prefixes specify various screening and conformance inspection options based on MIL-PRF-19500. Refer to MicroNote 129 for more details on the screening options. Surface mount equivalents available as MSMBJ5.0A to MSMBJ170CA Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B RoHS Compliant devices available by adding "e3" suffix 3 lot norm screening performed on Standby Current ID
APPLICATIONS / BENEFITS
Economical TVS series for thru-hole mounting 2 Protects sensitive components such as IC's, CMOS, Bipolar, BiCMOS, ECL, DTL, T L, etc. Protection from switching transients & induced RF Compliant to IEC 61000-4-2 and IEC 61000-4-4 for ESD and EFT protection respectively Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance: o Class 1: MP6KE6.8A to MP6KE130A or CA o Class 2: MP6KE6.8A to MP6KE68A or CA o Class 3: MP6KE6.8A to MP6KE36A or CA o Class 4: MP6KE6.8A to MP6KE18A or CA Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance: o Class 1: MP6KE6.8A to MP6KE43A or CA o Class 2: MP6KE6.8A to MP6KE22A or CA
T-18
MAXIMUM RATINGS
Peak Pulse Power dissipation at 25 C: 600 watts at 10/1000 s (also see Figures 1,2, and 3) with impulse repetition rate (duty factor) of 0.01 % or less tclamping (0 V to V(BR) min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional Operating and Storage temperature: -65 C to +150 C Thermal Resistance: 25 C/W at 3/8 inch (10 mm) lead length from body, or 85 C/W junction 2 to ambient when mounted on FR4 PC board with 4 mm copper pads (1 oz) and track width 1 mm, length 25 mm Steady-State Power: 5 watts @ TL=25 C 3/8 inch (10 mm) from body, or 1.47 W when mounted on FR4 PC board described for thermal resistance Forward Voltage at 25 C: 3.5 Volts maximum @ 100 Amp peak impulse of 8.3 ms half-sine wave (unidirectional only) Solder temperatures: 260 C for 10 s (maximum)

RF01007 Rev A, June 2010
High Reliability Product Group
Page 1 of 4
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland. Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298 6 Lake Street, Lawrence, MA 01841 Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803 Website: http://www.microsemi.com ___________________________________________________________________________________________________________________________________
MECHANICAL AND PACKAGING
Void-free transfer molded thermosetting epoxy body meeting UL94V-0 Tin-Lead (90 % Sn, 10 % Pb) or RoHS (100% Sn) Compliant annealed matte-Tin plating readily solderable per MIL-STD-750, method 2026 Body marked with part number Cathode indicated by band. No cathode band on bi-directional devices. Available in bulk or custom tape-and-reel packaging TAPE-AND-REEL standard per EIA-296 (add "TR" suffix to part number) Weight: 0.7 gram (approximately)
PACKAGE DIMENSIONS
NOTE: Cathode indicated by band. All dimensions in millimeters (inches)
SYMBOLS & DEFINITIONS Symbol
VWM PPP VBR ID
Definition
Working Peak (Standoff) Voltage Peak Pulse Power Breakdown Voltage Standby Current
Symbol
IPP
VC
Definition
Peak Pulse Current Clamping Voltage Breakdown Current for VBR
IBR
RF01007 Rev A, June 2010
High Reliability Product Group
Page 2 of 4
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland. Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298 6 Lake Street, Lawrence, MA 01841 Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803 Website: http://www.microsemi.com ___________________________________________________________________________________________________________________________________
ELECTRICAL CHARACTERISTICS @ 25oC
MICROSEMI PART NUMBER
BREAKDOWN VOLTAGE VBR @ IBR
RATED STANDOFF VOLTAGE
VWM VMIN 6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95 105 114 124 143 152 161 171 190 VNOM 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200 VMAX 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21 23.1 25.2 28.4 31.5 34.7 37.8 41 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 116 126 137 158 168 179 189 210 mA 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 V 5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53 58.1 64.1 70.1 77.8 85.5 94 102 111 128 136 145 154 171
MAX STANDBY CURRENT ID @ VWM
MAX CLAMPING VOLTAGE VC @ IPP
PEAK PULSE CURRENT (see Fig. 2)
TEMPERATURE COEFFICIANT of VBR
IPP A 57 53 50 45 41 38 36 33 28 27 24 22 20 18 16 14.4 13.2 12 11.2 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 3.4 3.6 3.3 2.9 2.7 2.6 2.4 2.2
V(BR) % / C .057 .061 .065 .068 .073 .075 .078 .081 .084 .086 .088 .090 .092 .094 .096 .097 .098 .099 .100 .101 .101 .102 .103 .104 .104 .105 .105 .106 .106 .107 .107 .107 .108 .108 .108 .108 .108
MP6KE6.8A MP6KE7.5A MP6KE8.2A MP6KE9.1A MP6KE10A MP6KE11A MP6KE12A MP6KE13A MP6KE15A MP6KE16A MP6KE18A MP6KE20A MP6KE22A MP6KE24A MP6KE27A MP6KE30A MP6KE33A MP6KE36A MP6KE39A MP6KE43A MP6KE47A MP6KE51A MP6KE56A MP6KE62A MP6KE68A MP6KE75A MP6KE82A MP6KE91A MP6KE100A MP6KE110A MP6KE120A MP6KE130A MP6KE150A MP6KE160A MP6KE170A MP6KE180A MP6KE200A
A 1000 500 200 50 10 5 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
V 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179 207 219 234 246 274
NOTE 1: Consult factory for higher voltages. NOTE 2: For bidirectional construction, indicate a CA suffix after part number, i.e. MP6KE200CA. Bidirectional capacitance is half that shown in Figure 4 at zero volts.
RF01007 Rev A, June 2010
High Reliability Product Group
Page 3 of 4
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland. Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298 6 Lake Street, Lawrence, MA 01841 Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803 Website: http://www.microsemi.com ___________________________________________________________________________________________________________________________________
GRAPHS
Peak Pulse Power (PPP) or continuous Power in Percent of 25oC Rating
50 30
TL = 25oC
10 5.0 3.0 2.0 1.0 0.5 0.3 0.2 0.1
0.1 0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
10,000
tw - Pulse Width - s FIGURE 1 - Peak Pulse Power vs. Pulse Time
PPP - Peak Pulse Power - kW
C - Capacitance - Picofarads
Test waveform parameters: tr=10 s, tw=1000 s
TL Lead temperature C
V(BR) Breakdown Voltage - Volts
FIGURE 2 - Pulse waveform for exponential surge
FIGURE 3 - Derating curve
FIGURE 4 - P6KE Typical Capacitance vs. Breakdown Voltage
RF01007 Rev A, June 2010
High Reliability Product Group
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of MP6KE30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X